Part Number Hot Search : 
0Q101 AM9128 2SB1463G FDP603 B0419 1N4007G 2880150 K4T1G
Product Description
Full Text Search
 

To Download IPC3SAD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apem www.apem.com b1-15 b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary distinctive features and specifications ? illuminated or non-illuminated ? tactile feedback ? wide variety of configurations ? flat round actuator for optional marking ? sealed to ip67 environmental specifications ? front panel sealing : ip67 according to iec 60529 ip69k according to din 40050-9 (non-illuminated) with cap u5125 ? shock resistance : 100 g according to iec 512-4, test 6c ? vibration resistance : 10-500hz - 10 g according to iec 512-4, test 6d ? salt spray : iec 512-6, test 11f ? robustness (non-illuminated) : ik06 according to en 50102 (1 joule) ? operating temperature : -40c to +85c electrical specifications ? max. current/voltage rating with resistive load (gold plated silver contacts): 5a 28vdc, 70.000 cycles 0,2a 48vdc, 500.000 cycles 0,5a 48vac, 500.000 cycles ? initial contact resistance : 100 m max. ? insulation resistance : 1 g min. at 500vdc ? dielectric strength : 1.500 vrms ? contact bounce : 10 ms materials ? case : thermoplastic ul94-v0 ? actuator : polyamide 6/6 ? bushing/bezel : zinc die-cast (zamac), black painted ? contacts : silver, gold plated (std) brass, gold plated (for option 104) ? multi-wire lead awg20, section 0,6 mm 2 ? led wire : awg26, section 0,12 mm 2 ? lens : polycarbonate ? terminal seal : epoxy general specifications ? panel thickness : 1,5 mm (.059) min. 4 mm (.157 max.) ? total travel : funct. 3 : 1,7 mm (.067) +/- 0,3 mm funct. 5 : 1,3 mm (.051) +/- 0,3 mm ? typical operating force : 6n +/- 2n ? low level/mech. life : 1.000.000 cycles ? torque : 1,5 nm max. applied to nut ? soldering : 320c max. for 3 sec. a resistor must be series-connected by the user. resistor value = supply voltage - led forward voltage led forward current led component specifications led colour forward current super red (l0s) 20ma 20ma 20ma 20ma typ. forward voltage max. forward voltage 2,1v 2,1v 2,1v 3,2v yellow (l0y) green (l0g) blue (l0b) 20ma 3,35v 2,3v 2,3v 2,3v 3,8v 4,25v white (l0w) agency approval 2a 125vac/250vac file e83438 availability : consult factory for details of approved models. marking : to order switches marked ul, complete ordering format. mounting panel cut-out matrix mounting back of panel space requirement ?13.60 (.535dia) (.531dia) ?13.50 12.90 (.507) 1 1.50min-4max (.059 min-.157max) 20.00 (.787) 20.00 (.787) (.787) 20.00 (.688) 17.50 ? o-ring 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page15
b1-16 apem www.apem.com b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary overview ip series actuator shapes c square r round, curved p round, flat terminals s solder lugs f flying leads p straight pc z1 quick-connect (non-ill., no only ) electrical functions 3 normally open (no) 5 nc/no combined (non-illuminated) actuator colours 1 blue b dark blue 2 black 3 green 5 yellow 6 red 7/1 white 8 bright chrome 9 orange contacts ad silver, gold plated (standard) cd brass, gold plated (option 104) led colours blank non-illum. l0s super red l0y yellow l0g green l0b blue l0w white about this series on the following pages, you will find successively : model structure of switches and options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketed numbers. a sealing boot is available to protect the switches against frost and sand. it is presented after the ia series and in section h. mounting accessories : standard hardware supplied : 1 hex nut 14 mm (.551) across flats and 1 o-ring. hex nut part number u166. packaging unit : 25 pieces notice : please note that not all combinations of above numbers are available. refer to the following pages for further information. options 100 satin chrome bezel 101 bright chrome bezel 104 high actuator (non-illum. round models only) option 104 if combined with electrical function 5 (nc/no), this option should be ordered with cd contacts (brass, gold plated). current/voltage rating : 100ma 30vdc approval ul consult factory for detail of approved models. 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page16
apem www.apem.com b1-17 b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary square - illuminated model structure ? high brightness illumination ? five led colours ? tin plated led terminals solder lug terminals ?12.00x0.75si (.047) 1.50 5.20 (.015) (.204) (.059) 2.00 (.078) 5.08 (.200) (.267) 1.20 (.251) 6.40 6.80 0.40 epoxy (.472diax0.75is) 5.00 (.196) 1.50 min (.059 min) 12.00 (.472sq) 17.50 (.688sq) 2.00 (.078) 6.10 (.240) ? flat IPC3SAD normally open sealed flying lead terminals ?12.00x0.75si 50010 (19.68.393) (.688sq) 1.50 min (.059 min) 16.00 max (.629 max) 6.80 (.267) (.472diax0.75is) 5.00 (.196) 12.00 (.472sq) (.078) 2.00 17.50 ? flat ipc3fad normally open wire colours : black : no contact, red : led anode(+), blue : led cathode(-) cathode (-) led actuator colours 1 : blue - b : dark blue - 2 : black - 3 : green - 5 : yellow 6 : red - 7/1 : white - 8 : bright chrome - 9 : orange led colours options l0s : super red - l0y : yellow - l0g : green - l0b : blue l0w : white 100 : satin chrome bezel 101 : bright chrome bezel approval ul consult factory for details of approved models. to order switches marked ul, complete above box with ?ul?. also available with straight pc terminals : ipc3pad led colour is indicated by the bottom of the switch. 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page17
b1-18 apem www.apem.com b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary square - non-illuminated model structure ? double function (nc/no combined) with a short behind-panel depth solder lug terminals ?12.00x0.75si (.047) 1.50 5.20 (.204) (.059) 2.00 (.078) 5.08 (.200) (.015) (.472diax0.75is) 6.40 (.251) 1.20 6.80 (.267) 0.40 epoxy 5.00 1.50 min (.196) 12.00 (.472sq) (.059 min) (.078) 17.50 (.688sq) 2.00 no no nc nc/no no ? flat IPC3SAD normally open ipc5sad nc/no combined sealed flying lead terminals ?12.00x0.75si 50010 (19.68.393) 1.50 min (.059 min) (.472diax0.75is) (.267) 16.00 max (.629 max) 6.80 5.00 (.196) 12.00 (.472sq) (.078) 2.00 17.50 (.688sq) no nc/no ? flat ipc3fad normally open ipc5fad nc/no combined actuator colours 1 : blue - b : dark blue -2 : black - 3 : green - 5 : yellow - 6 : red - 7/1 : white - 8 : bright chrome - 9 : orange options 100 : satin chrome bezel 101 : bright chrome bezel wire colours (nc/no) : black : no, blue : nc function 3 (n0) function 5 (nc/no) 5.20 (.204) 1.00 (.039) 4.55 (.179) 1.20 2.80 (.047) (.110) 8.70 2.40 (.342) (.094) straight p quick-connect z1 also available with straight pc terminals : ipc3pad (no) or ipc5pad (nc/no) and quick-connect terminals : ipc3z1ad (no only) approval ul consult factory for details of approved models. to order switches marked ul, complete above box with ?ul?. 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page18
apem www.apem.com b1-19 b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary round - illuminated model structure ? high brightness illumination ? five led colours ? tin plated led terminals solder lug terminals ?12.00x0.75si ?17.50 (.688dia) ?12.00 (.472dia) (.047) 1.50 (.059) (.204) (.015) 5.20 (.200) (.078) 2.00 5.08 epoxy 0.40 (.472diax0.75is) (.267) (.251) 1.20 6.80 6.40 1.50 min 5.00 (.059 min) (.196) (.078) 2.00 6.10 (.240) ? flat ipr3sad normally open sealed flying lead terminals ?12.00x0.75si (19.68.393) 50010 ?12.00 (.472dia) (.688dia) ?17.50 (.196) 5.00 (.059 min) 1.50 min 2.00 (.078) (.472diax0.75is) 16.00 max (.629 max) (.267) 6.80 ? flat ipr3fad normally open wire colours : black : no contact, red : led anode(+), blue : led cathode(-) cathode (-) led actuator colours 1 : blue - b : dark blue - 2 : black - 3 : green - 5 : yellow 6 : red - 7/1 : white - 8 : bright chrome - 9 : orange led colours options l0s : super red - l0y : yellow - l0g : green - l0b : blue l0w : white 100 : satin chrome bezel 101 : bright chrome bezel approval ul consult factory for details of approved models. to order switches marked ul, complete above box with ?ul?. also available with straight pc terminals : ipr3pad led colour is indicated by the bottom of the switch. c a thode (-) led 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page19
b1-20 apem www.apem.com b1 ip series pushbutton switches for harsh environments - bushing ? 12 mm - momentary round - non-illuminated function 3 (no) function 5 (nc/no) model structure ? double function (nc/no combined) with a short behind-panel depth solder lug terminals no no nc nc/no no 2.00 (.078) (.059 min) 1.50 min (.196) 5.00 (.472diax0.75is) 0.40 epoxy (.267) 6.80 1.20 6.40 (.251) 5.08 (.200) 2.00 (.078) 5.20 (.015) (.204) (.059) 1.50 (.047) (.472dia) ?12.00 (.688dia) ?17.50 ?12.00x0.75si ? flat curved actuator, no ipr3sad curved actuator, nc/no ipr5sad flat actuator, no ipp3sad flat actuator, nc/no ipp5sad sealed flying lead terminals nc/no no (.472diax0.75is) 6.80 (.267) (.519) 13.20 (.078) 2.00 1.50 min (.059 min) 5.00 (.196) ?17.50 (.688dia) (.472dia) ?12.00 50010 (19.68.393) ?12.00x0.75si ? flat curved actuator, no ipr3fad curved actuator, nc/no ipr5fad flat actuator, no ipp3fad flat actuator, nc/no ipp5fad actuator colours 1 : blue - b : dark blue -2 : black - 3 : green - 5 : yellow 6 : red - 7/1 : white - 8 : bright chrome - 9 : orange wire colours (nc/no) : black : no, blue : nc 100 : satin chrome bezel 101 : bright chrome bezel 104 : high actuator - if combined with function 5 (nc/no), order with cd contacts (instead of ad contacts). options 5.20 (.204) 1.00 (.039) 4.55 (.179) 1.20 2.80 (.047) (.110) 8.70 2.40 (.342) (.094) straight p quick-connect z1 also available with straight pc terminals : ip?3pad (no) or ip?5pad (nc/no) and quick-connect terminals : ip?3z1ad (no only) actuator marking available on ipp models (symbol 10 mm max.). on request. 104 ipr 104 ipp ?12.00 (.472dia) (.185) 4.70 ?12.00 (.472dia) (.185) 4.70 approval ul consult factory for details of approved models. to order switches marked ul, complete above box with ?ul?. 04-serie ip-a_08-serie ip-a 21/11/12 14:28 page20


▲Up To Search▲   

 
Price & Availability of IPC3SAD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X